Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95256-RBN6TG Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce M95256-RBN6TG
Description  256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-RBN6TG Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button M95256-RBN6TG Datasheet HTML 15Page - STMicroelectronics M95256-RBN6TG Datasheet HTML 16Page - STMicroelectronics M95256-RBN6TG Datasheet HTML 17Page - STMicroelectronics M95256-RBN6TG Datasheet HTML 18Page - STMicroelectronics M95256-RBN6TG Datasheet HTML 19Page - STMicroelectronics M95256-RBN6TG Datasheet HTML 20Page - STMicroelectronics M95256-RBN6TG Datasheet HTML 21Page - STMicroelectronics M95256-RBN6TG Datasheet HTML 22Page - STMicroelectronics M95256-RBN6TG Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
19/39
M95256, M95128
Figure 14. Page Write (WRITE) Sequence
Note: The most significant address bits (b15 for the M95256, and bits b15 and b14 for the M95128) are Don’t Care.
C
D
AI01796D
S
34
33
35 36 37 38 39 40 41 42
44 45 46 47
32
C
D
S
15
2
1
3456789 10
20 21 22 23 24 25 26 27
14 13
3210
28 29 30
Instruction
16-Bit Address
0
765432
0
1
Data Byte 1
31
43
765432
0
1
Data Byte 2
765432
0
1
Data Byte 3
65432
0
1
Data Byte N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39