Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24C02-MN6TG/G Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce M24C02-MN6TG/G
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02-MN6TG/G Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button M24C02-MN6TG/G Datasheet HTML 5Page - STMicroelectronics M24C02-MN6TG/G Datasheet HTML 6Page - STMicroelectronics M24C02-MN6TG/G Datasheet HTML 7Page - STMicroelectronics M24C02-MN6TG/G Datasheet HTML 8Page - STMicroelectronics M24C02-MN6TG/G Datasheet HTML 9Page - STMicroelectronics M24C02-MN6TG/G Datasheet HTML 10Page - STMicroelectronics M24C02-MN6TG/G Datasheet HTML 11Page - STMicroelectronics M24C02-MN6TG/G Datasheet HTML 12Page - STMicroelectronics M24C02-MN6TG/G Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9/29
M24C16, M24C08, M24C04, M24C02, M24C01
condition until the end of the address byte), the de-
vice replies to the data bytes with NoAck, as
shown in Figure 6., and the locations are not mod-
ified. After each byte is transferred, the internal
byte address counter (the 4 least significant ad-
dress bits only) is incremented. The transfer is ter-
minated by the bus master generating a Stop
condition.
Figure 7. Write Mode Sequences with WC=0 (data write enabled)
BYTE WRITE
DEV SEL
BYTE ADDR
DATA IN
WC
PAGE WRITE
DEV SEL
BYTE ADDR
DATA IN 1
DATA IN 2
WC
DATA IN 3
AI02804B
PAGE WRITE
(cont'd)
WC (cont'd)
DATA IN N
ACK
R/W
ACK
ACK
ACK
ACK
ACK
ACK
R/W
ACK
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29