| Moteur de recherche de fiches techniques de composants électroniques |
|
M95640-RBN3TP Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95640-RBN3TP Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 39 page ![]() 23/39 M95640, M95320 Table 12. Capacitance Note: Sampled only, not 100% tested, at TA=25°C and a frequency of 5 MHz. Table 13. DC Characteristics (M95xxx, temperature range 6) Note: 1. For all 5V range devices, the device meets the output requirements for both TTL and CMOS standards. 2. Current product: identified by Process Identification letter S. 3. New product: identified by Process Identification letter V. Symbol Parameter Test Condition Min. Max. Unit COUT Output Capacitance (Q) VOUT = 0V 8 pF CIN Input Capacitance (D) VIN = 0V 8 pF Input Capacitance (other pins) VIN = 0V 6 pF Symbol Parameter Test Condition Min. Max. Unit ILI Input Leakage Current VIN = VSS or VCC ± 2 µA ILO Output Leakage Current S = VCC, VOUT = VSS or VCC ± 2 µA ICC Supply Current C = 0.1VCC/0.9VCC at 5MHz, VCC = 5 V, Q = open, Current Product 2 4mA C= 0.1VCC/0.9VCC at 10MHz, VCC = 5 V, Q = open, New Product 3 5 mA ICC1 Supply Current (Stand-by) S = VCC , VCC = 5 V, VIN = VSS or VCC, Current Product 2 10 µA S = VCC , VCC = 5 V, VIN = VSS or VCC, New Product 3 2 µA VIL Input Low Voltage –0.45 0.3 VCC V VIH Input High Voltage 0.7 VCC VCC+1 V VOL 1 Output Low Voltage IOL = 2 mA, VCC = 5 V 0.4 V VOH 1 Output High Voltage IOH = –2 mA, VCC = 5V 0.8VCC V |