| Moteur de recherche de fiches techniques de composants électroniques |
|
M95320-RBN3TP Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95320-RBN3TP Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 39 page ![]() 1/39 November 2003 M95640 M95320 64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock FEATURES SUMMARY s Compatible with SPI Bus Serial Interface (Positive Clock SPI Modes) s Single Supply Voltage: – 4.5 to 5.5V for M95xxx – 2.5 to 5.5V for M95xxx-W – 1.8 to 5.5V for M95xxx-R s 10MHz, 5MHz or 2MHz clock rate (depending on ordering options) s 5ms or 10ms Write Time (depending on ordering options) s Status Register s Hardware Protection of the Status Register s BYTE and PAGE WRITE (up to 32 Bytes) s Self-Timed Programming Cycle s Adjustable Size Read-Only EEPROM Area s Enhanced ESD Protection s More than 100,000 or 1 million Erase/Write Cycles (depending on ordering options) s More than 40 Year Data Retention Figure 1. Packages PDIP8 (BN) 0.25 mm frame 8 1 SO8 (MN) 150 mil width 8 1 TSSOP8 (DW) 169 mil width TSSOP14 (DL) 169 mil width |
Numéro de pièce similaire - M95320-RBN3TP |
|
Description similaire - M95320-RBN3TP |