| Moteur de recherche de fiches techniques de composants électroniques |
|
KAI-08050 Fiches technique(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
KAI-08050 Fiches technique(HTML) 2 Page - ON Semiconductor |
|
2 / 31 page ![]() KAI−08050 www.onsemi.com 2 ORDERING INFORMATION Table 2. ORDERING INFORMATION Part Number Description Marking Code KAI−08050−ABA−JD−BA Monochrome, Telecentric Microlens, PGA Package, Sealed Clear Cover Glass with AR coating (both sides), Standard Grade KAI−08050−ABA Serial Number KAI−08050−ABA−JD−AE Monochrome, Telecentric Microlens, PGA Package, Sealed Clear Cover Glass with AR coating (both sides), Engineering Grade KAI−08050−FBA−JD−BA Gen2 Color (Bayer RGB), Telecentric Microlens, PGA Package, Sealed Clear Cover Glass with AR coating (both sides), Standard Grade KAI−08050−FBA Serial Number KAI−08050−FBA−JD−AE Gen2 Color (Bayer RGB), Telecentric Microlens, PGA Package, Sealed Clear Cover Glass with AR coating (both sides), Engineering Grade See the ON Semiconductor Device Nomenclature document (TND310/D) for a full description of the naming convention used for image sensors. For reference documentation, including information on evaluation kits, please visit our web site at www.onsemi.com. |