Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

THS7530PWPR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce THS7530PWPR
Description  HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

THS7530PWPR Fiches technique(HTML) 3 Page - Texas Instruments

  THS7530PWPR Datasheet HTML 1Page - Texas Instruments THS7530PWPR Datasheet HTML 2Page - Texas Instruments THS7530PWPR Datasheet HTML 3Page - Texas Instruments THS7530PWPR Datasheet HTML 4Page - Texas Instruments THS7530PWPR Datasheet HTML 5Page - Texas Instruments THS7530PWPR Datasheet HTML 6Page - Texas Instruments THS7530PWPR Datasheet HTML 7Page - Texas Instruments THS7530PWPR Datasheet HTML 8Page - Texas Instruments THS7530PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
THS7530
SLOS405A DECEMBER 2002– REVISED APRIL 2003
www.ti.com
3
SPECIFICATIONS: MAIN AMPLIFIER
VS+ = 5 V, VS– = 0 V, VOCM = 2.5 V, VICM = 2.5 V, VG– = 0 V, VG+ = 1 V (maximum gain), TA = 25°C, ac performance measured using the ac test
circuit shown in Figure 1 (unless otherwise noted). DC performance is measured using the dc test circuit shown in Figure 2 (unless otherwise
noted)
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
25 C
25 C
–40 C to
85 C
UNITS
MIN/
MAX
AC PERFORMANCE (See Figure 1)
Small-signal bandwidth
All gains, PIN = –45 dBm
300
MHz
Typ
Slew rate(1)
1 VPP Step, 25% to 75%,
minimum gain
1250
V/
µs
Typ
Settling time to 1%(1)
1 VPP Step, minimum gain
11
ns
Typ
Harmonic distortion
VO(PP) = 1 V, RL(diff)= 400 Ω
2nd Harmonic
f = 32 MHz
–65
dBc
Typ
3rd Harmonic
f = 32 MHz
–61
dBc
Typ
Third-order intermodulation distortion
PO = –10 dBm each tone,
fC=70 MHz,
200 kHz tone spacing
–62
dBc
Typ
Third-order output intercept point
fC=70 MHz,
200 kHz tone spacing
21
dBm
Typ
Noise figure (with input termination)
Source impedance: 50
Ω
9
dB
Typ
Total input voltage noise
f > 100 kHz
1.1
nV/
√Hz
Typ
DC PERFORMANCE—INPUTS (See Figure 2)
Input bias current
20
39
40
µA
Max
Input bias current offset
<150
pA
Typ
Minimum input voltage
Minimum gain
1.5
1.6
1.7
V
Max
Maximum input voltage
Minimum gain
3.5
3.35
3.2
V
Min
Common-mode rejection ratio
114
56
44
dB
Min
Differential input impedance
8.5 || 3.0
k
Ω || pF
Typ
DC PERFORMANCE—OUTPUTS (See Figure 2)
Output offset voltage
All gains
±100
±340
±480
mV
Max
Maximum output voltage high
3.5
3.275
3.25
V
Min
Minimum output voltage low
1.5
1.7
1.8
V
Max
Output current
±37
±16
±16
mA
Min
Output impedance
15
Ω
Typ
OUTPUT COMMON-MODE VOLTAGE CONTROL (See Figure 2)
Small-signal bandwidth
32
MHz
Typ
Gain
1.00
V/V
Typ
Common-mode offset voltage
4.5
12
13.8
mV
Max
Minimum input voltage
1.75
V
Typ
Maximum input voltage
3.25
V
Typ
Input impedance
25 || 1
k
Ω || pF
Typ
Default voltage, with no connect
2.5
V
Typ
Input bias current
<1
µA
Typ
(1) Slew rate and settling time measured at amplifier output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16