Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP190NF04 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STP190NF04
Description  N-CHANNEL 40V - 3.9 mW - 120A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP190NF04 Fiches technique(HTML) 3 Page - STMicroelectronics

  STP190NF04 Datasheet HTML 1Page - STMicroelectronics STP190NF04 Datasheet HTML 2Page - STMicroelectronics STP190NF04 Datasheet HTML 3Page - STMicroelectronics STP190NF04 Datasheet HTML 4Page - STMicroelectronics STP190NF04 Datasheet HTML 5Page - STMicroelectronics STP190NF04 Datasheet HTML 6Page - STMicroelectronics STP190NF04 Datasheet HTML 7Page - STMicroelectronics STP190NF04 Datasheet HTML 8Page - STMicroelectronics STP190NF04 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
STB190NF04/-1 STP190NF04
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
(*)Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
(
•)Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD = 20 V
ID = 95 A
RG = 4.7 Ω
VGS = 10 V
(Resistive Load, Figure 3)
45
380
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD=20V ID=190 A VGS=10V
130
40
45
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off Delay Time
Fall Time
VDD = 20 V
ID = 95 A
RG = 4.7Ω,
VGS = 10 V
(Resistive Load, Figure 3)
100
75
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM (•)
Source-drain Current
Source-drain Current (pulsed)
120
480
A
A
VSD (*)
Forward On Voltage
ISD = 120 A
VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 190 A
di/dt = 100A/µs
VDD = 34 V
Tj = 150°C
(see test circuit, Figure 5)
90
295
6.5
ns
nC
A
ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9