Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSD1801 Fiches technique(PDF) 26 Page - List of Unclassifed Manufacturers

No de pièce SSD1801
Description  LCD Segment / Common Driver with Controller for Character Display System
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SSD1801 Fiches technique(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button SSD1801 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1801 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
SSD1801 Series
Rev 1.1
01/2003
SOLOMON
25
COMMAND DESCRIPTIONS
Return Home
Return Home instruction field makes cursor return home. DDRAM address is set to 00h from address counter
and the cursor returns to 00h position. The contents of DDRAM are not changed.
Set Double Height Mode
This command increases the height of one character line from 8 to 16 dots. If the number of COM signal needed
exceeds the existing COM signal (COM0-COM15 for 2-line mode, COM0-COM23 for 3-line mode), the last character
line will not be displayed. It will happen at following cases:
1.
3-line mode, X1X0 = 01 where COM0-COM15 is double height, COM16-COM23 is normal.
The 3rd line will not be displayed.
2.
3-line mode, X1X0 = 10 where COM0-COM7 is normal, COM8-COM23 is double height.
The 3rd line will be displayed.
3. 2-line mode, X1X0 = 01 where COM0-COM15 is double height.
The 2nd line will not be displayed.
Figure 14 – 3-line Normal Mode Display in 3-line mode (X1X0 = 00)
Figure 15 – COM0 ~ COM15 is a Double Height Line, COM16 ~COM23 is Normal in 3-line mode
(X1X0 = 01)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42