Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LED405-30M32 Fiches technique(PDF) 1 Page - Roithner LaserTechnik GmbH

No de pièce LED405-30M32
Description  High Reliability
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROITHNER [Roithner LaserTechnik GmbH]
Site Internet  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED405-30M32 Fiches technique(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED405-30M32 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
17.08.2010
led405_30m32.doc
1 of 1
LED405-30M32 stem type LED with ball lens
LED405-30M32 is an InGaN LED mounted on TO-18 stem with ball glass lens,
being designed for sensing devices.
On forward bias it emits a spectral band of radiation, which peaks at 405 nm.
Features
Outer dimensions Unit:mm
1) High Power
2) High Reliability
Specifications
1) Product Name
LED Lamp
2) Type No.
LED405-30M32
3) Chip Spec.
(1) Material
InGaN
(2) Peak Wavelength 405nm
4) Package
(1) Type
TO-18 stem
(2) Lens
Ball Glass Lens
Absolute Maximum Ratings
Item
Symbol
Maximum Rated Value
Unit
Ambient Temperature
Power Dissipation
PD
120
mW
Ta=25°C
Forward Current
IF
30
mA
Ta=25°C
Pulse Forward Current
IFP
100
mA
Ta=25°C
Reverse Voltage
VR
5
V
Ta=25°C
Operating Temperature
TOPR
-30 ~ +85
°C
Storage Temperature
TSTG
-30 ~ +100
°C
Soldering Temperature
TSOL
260
°C
‡
Pulse Forward Current condition: Duty=1% and Pulse Width=10us.
‡
Soldering condition: Soldering condition must be completed within 3 seconds at 260°
Electro-Optical Characteristics
Item
Symbol
Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF=20mA
3.8
4.3
V
Reverse Current
IR
VR=5V
10
uA
Total Radiated Power
PO
IF=20mA
0.3
0.8
mW
Brightness
IV
IF=20mA
10
20
mcd
Radiant Intensity
IE
IF=20mA
5
15
mW/sr
Peak Wavelength
λP
IF=20mA
395
405
415
nm
Half Width
Δλ
IF=20mA
15
nm
Viewing Half Angle
θ 1/2
IF=20mA
±10
deg.
‡
Total Radiated Power is measured by Photodyne #500
‡
Radiant Intensity is measured by Tektronix J-6512


Numéro de pièce similaire - LED405-30M32

FabricantNo de pièceFiches techniqueDescription
logo
Roithner LaserTechnik G...
LED405-66-60-110 ROITHNER-LED405-66-60-110 Datasheet
122Kb / 2P
High Power LED Array
More results

Description similaire - LED405-30M32

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
ADE-R272MH MINI-ADE-R272MH Datasheet
236Kb / 2P
High Reliability Mixer High Reliability Mixer
logo
List of Unclassifed Man...
ATC200A ETC2-ATC200A Datasheet
194Kb / 6P
High Reliability
logo
International Rectifier
ASA2812S IRF-ASA2812S Datasheet
104Kb / 5P
HYBRID-HIGH RELIABILITY HYBRID-HIGH RELIABILITY
logo
Bruckewell Technology L...
MURS220A BWTECH-MURS220A Datasheet
343Kb / 4P
High reliability
logo
Surge Components
1N914-1N914B SURGE-1N914-1N914B Datasheet
554Kb / 1P
High reliability
logo
Inchange Semiconductor ...
2SC2166 ISC-2SC2166 Datasheet
187Kb / 2P
High Reliability
logo
IXYS Corporation
CPC1706 IXYS-CPC1706 Datasheet
118Kb / 6P
High Reliability
logo
Laird Tech Smart Techno...
HP105 LSTD-HP105 Datasheet
721Kb / 1P
High reliability
580 LSTD-580 Datasheet
778Kb / 2P
High reliability
logo
Everlight Electronics C...
EAIST1005A0 EVERLIGHT-EAIST1005A0 Datasheet
456Kb / 8P
High reliability
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com