Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC862 Fiches technique(PDF) 79 Page - Motorola, Inc

No de pièce MPC862
Description  Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC862 Fiches technique(HTML) 79 Page - Motorola, Inc

Back Button MPC862 Datasheet HTML 75Page - Motorola, Inc MPC862 Datasheet HTML 76Page - Motorola, Inc MPC862 Datasheet HTML 77Page - Motorola, Inc MPC862 Datasheet HTML 78Page - Motorola, Inc MPC862 Datasheet HTML 79Page - Motorola, Inc MPC862 Datasheet HTML 80Page - Motorola, Inc MPC862 Datasheet HTML 81Page - Motorola, Inc MPC862 Datasheet HTML 82Page - Motorola, Inc MPC862 Datasheet HTML 83Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 88 page
background image
MOTOROLA
MPC862/857T/857DSL Hardware Specifications
79
Mechanical Data and Ordering Information
PA14
TXD1
TXD4
D17
Bidirectional
(Optional: Open-drain)
PA13
RXD2
E17
Bidirectional
PA12
TXD2
F17
Bidirectional
(Optional: Open-drain)
PA11
L1TXDB
RXD3
G16
Bidirectional
(Optional: Open-drain)
PA10
L1RXDB
TXD3
J17
Bidirectional
(Optional: Open-drain)
PA9
L1TXDA
RXD4
K18
Bidirectional
(Optional: Open-drain)
PA8
L1RXDA
TXD4
L17
Bidirectional
(Optional: Open-drain)
PA7
CLK1
L1RCLKA
BRGO1
TIN1
M19
Bidirectional
PA6
CLK2
TOUT1
M17
Bidirectional
PA5
CLK3
L1TCLKA
BRGO2
TIN2
N18
Bidirectional
PA4
CLK4
TOUT2
P19
Bidirectional
PA3
CLK5
BRGO3
TIN3
P17
Bidirectional
PA2
CLK6
TOUT3
L1RCLKB
R18
Bidirectional
Table 35. Pin Assignments (continued)
Name
Pin Number
Type
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88