Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC862T Fiches technique(PDF) 49 Page - Motorola, Inc

No de pièce MPC862T
Description  Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC862T Fiches technique(HTML) 49 Page - Motorola, Inc

Back Button MPC862T Datasheet HTML 45Page - Motorola, Inc MPC862T Datasheet HTML 46Page - Motorola, Inc MPC862T Datasheet HTML 47Page - Motorola, Inc MPC862T Datasheet HTML 48Page - Motorola, Inc MPC862T Datasheet HTML 49Page - Motorola, Inc MPC862T Datasheet HTML 50Page - Motorola, Inc MPC862T Datasheet HTML 51Page - Motorola, Inc MPC862T Datasheet HTML 52Page - Motorola, Inc MPC862T Datasheet HTML 53Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
MOTOROLA
MPC862/857T/857DSL Hardware Specifications
49
CPM Electrical Characteristics
Figure 46. IDMA External Requests Timing Diagram
Figure 47. SDACK Timing Diagram—Peripheral Write, Externally-Generated TA
43
SDACK negation delay from clock low
—
12
ns
44
SDACK negation delay from TA low
—
20
ns
45
SDACK negation delay from clock high
—
15
ns
46
TA assertion to falling edge of the clock setup time (applies to external TA)7
—
ns
Table 16. IDMA Controller Timing (continued)
Num
Characteristic
All Frequencies
Unit
Min
Max
41
40
DREQ
(Input)
CLKO
(Output)
DATA
42
46
43
CLKO
(Output)
TS
(Output)
R/W
(Output)
TA
(Input)
SDACK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88