| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC862P Fiches technique(PDF) 1 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC862P Fiches technique(HTML) 1 Page - Motorola, Inc |
|
1 / 88 page ![]() This document contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing specifications for the MPC862/857T/857DSL family (refer to Table 1 for a list of devices). The MPC862P, which contains a PowerPC™ core processor, is the superset device of the MPC862/857T/857DSL family. This document describes pertinent electrical and physical characteristics of the MPC8245. For functional characteristics of the processor, refer to the MPC862 PowerQUICC Family Users Manual (MPC862UM/D). This document contains the following topics: Topic Page Section 1, “Overview” 1 Section 2, “Features” 2 Section 3, “Maximum Tolerated Ratings” 7 Section 4, “Thermal Characteristics” 9 Section 5, “Power Dissipation” 10 Section 6, “DC Characteristics” 11 Section 7, “Thermal Calculation and Measurement” 12 Section 8, “Layout Practices” 15 Section 9, “Bus Signal Timing” 15 Section 10, “IEEE 1149.1 Electrical Specifications” 44 Section 11, “CPM Electrical Characteristics” 45 Section 12, “UTOPIA AC Electrical Specifications” 68 Section 13, “FEC Electrical Characteristics” 69 Section 14, “Mechanical Data and Ordering Information” 73 Section 15, “Document Revision History” 86 1 Overview The MPC862/857T/857DSL is a derivative of Motorola’s MPC860 PowerQUICC™ family of devices. It is a versatile single-chip integrated microprocessor and peripheral combination that can be used in a variety of controller applications and communications and networking systems. The MPC862/857T/857DSL provides enhanced ATM functionality over that of other ATM-enabled members of the MPC860 family. Advance Information MPC862EC/D Rev. 1.2, 8/2003 MPC862/857T/857DSL Hardware Specifications Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
Numéro de pièce similaire - MPC862P |
|
Description similaire - MPC862P |