| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6021-E/P Fiches technique(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6021-E/P Fiches technique(HTML) 4 Page - Microchip Technology |
|
4 / 28 page ![]() MCP6021/2/3/4 DS21685B-page 4 2003 Microchip Technology Inc. TEMPERATURE CHARACTERISTICS FIGURE 1-1: Timing diagram for the CS pin on the MCP6023. Electrical Specifications: Unless otherwise indicated, VDD = +2.5V to +5.5V and VSS = GND. Parameters Symbol Min Typ Max Units Conditions Temperature Ranges Industrial Temperature Range TA -40 — +85 °C Extended Temperature Range TA -40 — +125 °C Operating Temperature Range TA -40 — +125 °C Note 1 Storage Temperature Range TA -65 — +150 °C Thermal Package Resistances Thermal Resistance, 8L-PDIP θJA —85 — °C/W Thermal Resistance, 8L-SOIC θJA —163 — °C/W Thermal Resistance, 8L-TSSOP θJA —124 — °C/W Thermal Resistance, 14L-PDIP θJA —70 — °C/W Thermal Resistance, 14L-SOIC θJA —120 — °C/W Thermal Resistance, 14L-TSSOP θJA —100 — °C/W Note 1: The industrial temperature devices operate over this extended temperature range, but with reduced performance. In any case, the internal junction temperature (TJ) must not exceed the absolute maximum specification of 150°C. Hi-Z tON CS tOFF VOUT 50 nA (typ.) Hi-Z ISS ICS 10 nA (typ.) 10 nA (typ.) 10 nA (typ.) 50 nA (typ.) 1mA (typ.) Amplifier On |