| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC2131 Fiches technique(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2131 Fiches technique(HTML) 13 Page - NXP Semiconductors |
|
13 / 41 page ![]() 9397 750 14868 © Koninklijke Philips Electronics N.V. 2005. All rights reserved. Preliminary data sheet Rev. 02 — 15 April 2005 13 of 41 Philips Semiconductors LPC2131/2132/2134/2136/2138 Single-chip 16/32-bit microcontrollers 6.4 Memory map The LPC2131/2132/2134/2136/2138 memory map incorporates several distinct regions, as shown in Figure 5. In addition, the CPU interrupt vectors may be re-mapped to allow them to reside in either Flash memory (the default) or on-chip static RAM. This is described in Section 6.21 “System control”. 6.5 Interrupt controller The VIC accepts all of the interrupt request inputs and categorizes them as FIQ, vectored IRQ, and non-vectored IRQ as defined by programmable settings. The programmable assignment scheme means that priorities of interrupts from the various peripherals can be dynamically assigned and adjusted. Fig 5. LPC2131/2132/2134/2136/2138 memory map. AHB PERIPHERALS VPB PERIPHERALS RESERVED ADDRESS SPACE RESERVED ADDRESS SPACE BOOT BLOCK (RE-MAPPED FROM ON-CHIP FLASH MEMORY RESERVED ADDRESS SPACE TOTAL OF 32 kB ON-CHIP STATIC RAM (LPC2136/38) TOTAL OF 16 kB ON-CHIP STATIC RAM (LPC2132/34) TOTAL OF 8 kB ON-CHIP STATIC RAM (LPC2131) TOTAL OF 512 kB ON-CHIP NON-VOLATILE MEMORY (LPC2138) TOTAL OF 256 kB ON-CHIP NON-VOLATILE MEMORY (LPC2136) TOTAL OF 128 kB ON-CHIP NON-VOLATILE MEMORY (LPC2134) 0xFFFF FFFF 0xF000 0000 0xE000 0000 0xC000 0000 0x8000 0000 0x4000 4000 0x4000 3FFF 0x4000 2000 0x4000 1FFF 0x4001 8000 0x4000 7FFF 0x4000 0000 0x0004 0000 0x0003 FFFF 0x0002 0000 0x0001 FFFF 0x0008 0000 0x0007 FFFF 0x0001 0000 4.0 GB 3.75 GB 3.5 GB 3.0 GB 2.0 GB 1.0 GB TOTAL OF 64 kB ON-CHIP NON-VOLATILE MEMORY (LPC2132) TOTAL OF 32 kB ON-CHIP NON-VOLATILE MEMORY (LPC2131) 0x0000 FFFF 0x0000 8000 0x0000 7FFF 0x0000 0000 0.0 GB 002aab069 |