| Moteur de recherche de fiches techniques de composants électroniques |
|
IRFPS38N60LPBF. Fiches technique(PDF) 5 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFPS38N60LPBF. Fiches technique(HTML) 5 Page - International Rectifier |
|
5 / 9 page ![]() IRFPS38N60L www.irf.com 5 Fig 9. Maximum Safe Operating Area Fig 10. Maximum Drain Current vs. Case Temperature VDS Pulse Width ≤ 1 µs Duty Factor ≤ 0.1 % RD VGS RG D.U.T. 10V VDD Fig 11a. Switching Time Test Circuit + - VDS 90% 10% VGS td(on) tr td(off) tf Fig 11b. Switching Time Waveforms 1 10 100 1000 10000 VDS, Drain-to-Source Voltage (V) 0.1 1 10 100 1000 1msec 10msec OPERATION IN THIS AREA LIMITED BY R DS(on) 100µsec Tc = 25°C Tj = 150°C Single Pulse 25 50 75 100 125 150 TC , Case Temperature (°C) 0 5 10 15 20 25 30 35 40 |