Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AR0331 Fiches technique(PDF) 13 Page - ON Semiconductor

No de pièce AR0331
Description  AR0331 1/3?륤nch 3.1 Mp/Full HD Digital Image Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0331 Fiches technique(HTML) 13 Page - ON Semiconductor

Back Button AR0331 Datasheet HTML 9Page - ON Semiconductor AR0331 Datasheet HTML 10Page - ON Semiconductor AR0331 Datasheet HTML 11Page - ON Semiconductor AR0331 Datasheet HTML 12Page - ON Semiconductor AR0331 Datasheet HTML 13Page - ON Semiconductor AR0331 Datasheet HTML 14Page - ON Semiconductor AR0331 Datasheet HTML 15Page - ON Semiconductor AR0331 Datasheet HTML 16Page - ON Semiconductor AR0331 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
AR0331
www.onsemi.com
13
Default Readout Order
By convention, the sensor core pixel array is shown with
pixel (0,0) in the top right corner (see Figure 8). This reflects
the actual layout of the array on the die. Also, the first pixel
data read out of the sensor in default condition is that of pixel
(0, 0).
When the sensor is imaging, the active surface of the
sensor faces the scene as shown in Figure 9. When the image
is read out of the sensor, it is read one row at a time, with the
rows and columns sequenced as shown in Figure 9.
Figure 9. Imaging a Scene
Lens
Pixel (0,0)
Row
Readout
Order
Column Readout Order
Scene
Sensor (rear view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52