Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

YB225CWCPG01-5C-EB Fiches technique(PDF) 13 Page - Nihon Kaiheiki Industry Co. Ltd.

No de pièce YB225CWCPG01-5C-EB
Description  General Specifications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Site Internet  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

YB225CWCPG01-5C-EB Fiches technique(HTML) 13 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button YB225CWCPG01-5C-EB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCPG01-5C-EB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCPG01-5C-EB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCPG01-5C-EB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCPG01-5C-EB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCPG01-5C-EB Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCPG01-5C-EB Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCPG01-5C-EB Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. YB225CWCPG01-5C-EB Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Series YB2
Panel Seal Pushbuttons
D130
D
www.nkkswitches.com
Recommended Methods: Laser Etch on clear cap, Screen Print or Pad Print on cap.
Epoxy based ink is recommended.
For Caps
AT3017, AT3018, and AT3019
LEDs are electrostatic sensitive devices. When installing and handling LEDs, use an electrostatic
protected work station to prevent LED damage.
HANDLING & PRECAUTIONS
LEGENDS
For Cap
AT3020 (with clear ring for illumination)
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES
NKK Switches can provide custom legends for caps. Contact factory for more information.
Suggested Printable Area for Film Inserts
Film Material and Thickness:
Clear Polyester, 4 mil max.
Recommended Method:
Screen Print; Epoxy based ink is recommended
For Caps
AT3025 and AT3027
Shaded areas are printable areas.
Shaded areas are printable areas.
Suggested Printable Area for YB2 Caps
(17.48) Dia
.688
(19.0) Dia
.748
(0.76) Typ
.030
(19.0) Dia
.748
(1.56) Typ
.062
(15.88) Dia
.625
(18.0) Sq
.709
(16.48) Sq
.649
(0.76) Typ
.030
(17.4)
.685
(15.88)
.625
(0.76) Typ
.030
(16.3)
.642
(14.78)
.582
(0.6) R Typ
.024
+0.1
–0.0
(1.2)
Typ
.047
+0.1
–0.1
+0.08
–0.1
(14.88) Sq
.586
(0.76) Typ
.030
(0.5) R
.020
(16.4)
Sq
.646
+0.0
–0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13