Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7607 Fiches technique(PDF) 31 Page - Analog Devices

No de pièce AD7607
Description  8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7607 Fiches technique(HTML) 31 Page - Analog Devices

Back Button AD7607 Datasheet HTML 25Page - Analog Devices AD7607 Datasheet HTML 26Page - Analog Devices AD7607 Datasheet HTML 27Page - Analog Devices AD7607 Datasheet HTML 28Page - Analog Devices AD7607 Datasheet HTML 29Page - Analog Devices AD7607 Datasheet HTML 30Page - Analog Devices AD7607 Datasheet HTML 31Page - Analog Devices AD7607 Datasheet HTML 32Page - Analog Devices AD7607 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
AD7607
Data Sheet
Rev. C | Page 30 of 32
To ensure good device-to-device performance matching in
a system that contains multiple AD7607 devices, a symmetrical
layout between the devices is important.
Figure 54 shows a layout with two AD7607 devices. The AVCC
supply plane runs to the right of both devices. The VDRIVE supply
track runs to the left of the two AD7607 devices. The reference
chip is positioned between the two AD7607 devices, and the
reference voltage track runs north to Pin 42 of U1 and south to
Pin 42 of U2. A solid ground plane is used. These symmetrical
layout principles can also be applied to a system that contains
more than two AD7607 devices. The AD7607 devices can be
placed in a north-south direction with the reference voltage
located midway between the AD7607 devices and the reference
track running in the north-south direction, similar to Figure 54.
AVCC
U2
U1
AVCC
U2
U1
Figure 54. Layout for Multiple AD7607 Devices—Top Layer and
Supply Plane Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33