| Moteur de recherche de fiches techniques de composants électroniques |
|
USB3300 Fiches technique(PDF) 4 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB3300 Fiches technique(HTML) 4 Page - SMSC Corporation |
|
4 / 11 page ![]() Hi-Speed USB Host or Device PHY with ULPI Low Pin Interface Revision 1.02 (02-16-05) 4 SMSC USB3300 PRODUCT PREVIEW Figure 2 ULPI Interface Features as Related to UTMI+ Applications The USB3300 is targeted for any application where a Hi-Speed USB connection is desired and when board space and interface pins must be minimized. The USB3300 is well suited for: ■ Cell Phones ■ MP3 Players ■ Scanners ■ External Hard Drives ■ Still and Video Cameras ■ Portable Media Players ■ Entertainment Devices UTMI+ Level 0 USB2.0 Peripherals Only USB3300 ULPI USB2.0 Peripheral, host controllers, On-the- Go devices with 12 pin interface (HS, FS, LS, preamble packet) UTMI+ Level 3 USB2.0 Peripheral, host controllers, On-the- Go devices (HS, FS, LS, preamble packet) UTMI+ Level 2 USB2.0 Peripheral, host controllers, On- the-Go devices (HS, FS, and LS but no preamble packet) UTMI+ Level 1 USB2.0 Peripheral, host controllers, and On-the-Go devices (HS and FS Only) USB3500 USB3450 USB3280 USB3250 |