| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320C6000 Fiches technique(PDF) 86 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C6000 Fiches technique(HTML) 86 Page - Texas Instruments |
|
86 / 126 page ![]() Analyzing Thread Statistics 5-16 5) If you have halted the program, click the (Run) toolbar button. 6) Notice the Max value in the Statistics View. SWI statistics are measured in instruction cycles. 7) Using the GEL control, increase the load and click Execute. Notice the change in the Max value for the number of instructions performed from the beginning to the end of processing_SWI increases. 8) Experiment with different load values. If you decrease the load, right-click on the Statistics View and select Clear from the pop-up menu. This resets the fields to their lowest possible values, allowing you to see the current number of instruction cycles in the Max field. 9) Click the (Halt) toolbar button and close all the DSP/BIOS and GEL controls you have opened. |