Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9957/PCBZ Fiches technique(PDF) 32 Page - Analog Devices

No de pièce AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Fiches technique(HTML) 32 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 28Page - Analog Devices AD9957/PCBZ Datasheet HTML 29Page - Analog Devices AD9957/PCBZ Datasheet HTML 30Page - Analog Devices AD9957/PCBZ Datasheet HTML 31Page - Analog Devices AD9957/PCBZ Datasheet HTML 32Page - Analog Devices AD9957/PCBZ Datasheet HTML 33Page - Analog Devices AD9957/PCBZ Datasheet HTML 34Page - Analog Devices AD9957/PCBZ Datasheet HTML 35Page - Analog Devices AD9957/PCBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
Data Sheet
AD9957
Rev. E | Page 31 of 61
The circled numbers in Figure 44 indicate specific events,
explained as follows:
Event 1—an I/O update or profile change activates the RAM
bidirectional ramp mode.
Event 2—the RT pin switches to Logic 1. The state machine
initializes to the start address of RAM Segment Register 0 and
begins incrementing the RAM address counter.
Event 3—the RT pin remained at Logic 1 long enough for the
state machine to reach the end address of RAM Segment
Register 0, at which point the address counter is halted.
Event 4—the RT pin switches to Logic 0. The state machine
initializes to the end address of RAM Segment Register 1, resets
the internal timer, and begins decrementing the RAM address
counter.
Event 5—the RT pin switches to Logic 1. The state machine
initializes to the start address of RAM Segment Register 0,
resets the internal timer, and begins incrementing the RAM
address counter.
Event 6—the RT pin switches to Logic 0. The state machine
initializes to the end address of RAM Segment Register 1, resets
the internal timer, and begins decrementing the RAM address
counter.
Event 7—the RT pin remained at Logic 0 long enough for the
state machine to reach the start address of RAM Segment
Register 1, at which point the address counter is halted.
Event 8—the RT pin switches to Logic 1. The state machine
initializes to the start address of RAM Segment Register 0,
resets the internal timer, and begins incrementing the RAM
address counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62