Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD2S80ASD Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD2S80ASD
Description  Variable Resolution, Monolithic Resolver-to-Digital Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD2S80ASD Fiches technique(HTML) 2 Page - Analog Devices

  AD2S80ASD Datasheet HTML 1Page - Analog Devices AD2S80ASD Datasheet HTML 2Page - Analog Devices AD2S80ASD Datasheet HTML 3Page - Analog Devices AD2S80ASD Datasheet HTML 4Page - Analog Devices AD2S80ASD Datasheet HTML 5Page - Analog Devices AD2S80ASD Datasheet HTML 6Page - Analog Devices AD2S80ASD Datasheet HTML 7Page - Analog Devices AD2S80ASD Datasheet HTML 8Page - Analog Devices AD2S80ASD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AD2S80A* PRODUCT PAGE QUICK LINKS
Last Content Update: 02/23/2017
COMPARABLE PARTS
View a parametric search of comparable parts.
DOCUMENTATION
Application Notes
• AN-203: Using the AD2S80 Series Resolver-to-Digital
Converters as Control Transformers
• AN-234: Digital Resolver Integration
• AN-252: Using the AD2S80 Series Resolver to Digital
Converters with Synchro's; Solid State Scott-T Circuit.
• AN-263: Resolver to Digital Conversion; Simple Alternative
to Optical Shaft Encoders
• AN-264: Dynamic Characteristics of Tracking Converter
• AN-265: Circuit Applications of the AD2S80 and AD2S81
Resolver to Digital
• AN-266: Passive Component Selection and Dynamic
Modeling for the AD2S80 Series Resolver to Digital
Converter
Data Sheet
• AD2S80A: Errata Sheet
• AD2S80A: Variable Resolution, Monolithic Resolver-to-
Digital Converter Data Sheet
• AD2S81A/AD2S82A: Variable Resolution, Monolithic
Resolver-to-Digital Converters Data Sheet
REFERENCE MATERIALS
Technical Articles
• DSP Motor Control in Domestic Appliance Applications
• Single Chip DSP Motor Control Systems Catching on in
Home Appliances
DESIGN RESOURCES
• AD2S80A Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
DISCUSSIONS
View all AD2S80A EngineerZone Discussions.
SAMPLE AND BUY
Visit the product page to see pricing options.
TECHNICAL SUPPORT
Submit a technical question or find your regional support
number.
DOCUMENT FEEDBACK
Submit feedback for this data sheet.
This page is dynamically generated by Analog Devices, Inc., and inserted into this data sheet. A dynamic change to the content on this page will not
trigger a change to either the revision number or the content of the product data sheet. This dynamic page may be frequently modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19