Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PAH8011ES Fiches technique(PDF) 13 Page - Pixart Imaging Inc.

No de pièce PAH8011ES
Description  Low Power Heart Rate Monitor Optical Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PIXART [Pixart Imaging Inc.]
Site Internet  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAH8011ES Fiches technique(HTML) 13 Page - Pixart Imaging Inc.

Back Button PAH8011ES Datasheet HTML 9Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 10Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 11Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 12Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 13Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 14Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 15Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 16Page - Pixart Imaging Inc. PAH8011ES Datasheet HTML 17Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
PixArt Imaging Inc.
PAH8011ES Product Datasheet
Low Power Heart Rate Monitor Optical Chip
Version 1.1 | 20 Oct 2017 | 31008AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
System Design
4.1
System Overview
This section describes on how the chip being used to make up a complete system including the explanation on the 3rd party
components and how they work with the chip.
The PAH8011ES is based on CMOS optical technology and designed to meet the requirements for the implementation in
heart rate monitor accessories and wearables like smart watch or wrist band device. Figure 5 illustrates a system design for
App Level diagram. The processor is accessing PPG data from the chip, then pass it to App level. APP level applies PixArt
provided algorithm library to determine the heart rate data and waveform. Figure 6. System Design for Firmware Level
illustrates a system design for Firmware Level diagram. The processor will also access PPG data from the chip, then perform
heart rate calculation with PixArt algorithm library and send result to display or end device.
PAH8011ES can be configured to generate different frame rate setting.
Figure 5. System Design for App Level
Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25