| Moteur de recherche de fiches techniques de composants électroniques |
|
LC450029PKB Fiches technique(PDF) 14 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC450029PKB Fiches technique(HTML) 14 Page - ON Semiconductor |
|
14 / 25 page ![]() LC450029PKB www.onsemi.com 14 Display Data and Output Pad Correspondence (1/3 Duty) Output pad COM1 COM2 COM3 Output pad COM1 COM2 COM3 S1 D1 D2 D3 S28 D82 D83 D84 S2 D4 D5 D6 S29 D85 D86 D87 S3 D7 D8 D9 S30 D88 D89 D90 S4 D10 D11 D12 S31 D91 D92 D93 S5 D13 D14 D15 S32 D94 D95 D96 S6 D16 D17 D18 S33 D97 D98 D99 S7 D19 D20 D21 S34 D100 D101 D102 S8 D22 D23 D24 S35 D103 D104 D105 S9 D25 D26 D27 S36 D106 D107 D108 S10 D28 D29 D30 S37 D109 D110 D111 S11 D31 D32 D33 S38 D112 D113 D114 S12 D34 D35 D36 S39 D115 D116 D117 S13 D37 D38 D39 S40 D118 D119 D120 S14 D40 D41 D42 S41 D121 D122 D123 S15 D43 D44 D45 S42 D124 D125 D126 S16 D46 D47 D48 S43 D127 D128 D129 S17 D49 D50 D51 S44 D130 D131 D132 S18 D52 D53 D54 S45 D133 D134 D135 S19 D55 D56 D57 S46 D136 D137 D138 S20 D58 D59 D60 S47 D139 D140 D141 S21 D61 D62 D63 S48 D142 D143 D144 S22 D64 D65 D66 S49 D145 D146 D147 S23 D67 D68 D69 S50 D148 D149 D150 S24 D70 D71 D72 S51 D151 D152 D153 S25 D73 D74 D75 S52 D154 D155 D156 S26 D76 D77 D78 S53 D157 D158 D159 S27 D79 D80 D81 (Note) In external clock operating mode, S53 pad outputs VSS level. When DN is “0”, S52 pad and S53 pad output VSS level. For example, the table below lists the output states for the S21 output pad. Display data Output pad (S21) state D61 D62 D63 0 0 0 The LCD segments corresponding to COM1, COM2, and COM3 are off. 0 0 1 The LCD segment corresponding to COM3 is on. 0 1 0 The LCD segment corresponding to COM2 is on. 0 1 1 The LCD segments corresponding to COM2 and COM3 are on. 1 0 0 The LCD segment corresponding to COM1 is on. 1 0 1 The LCD segments corresponding to COM1 and COM3 are on. 1 1 0 The LCD segments corresponding to COM1 and COM2 are on. 1 1 1 The LCD segments corresponding to COM1, COM2, and COM3 are on. |