Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC75813T-E Fiches technique(PDF) 8 Page - ON Semiconductor

No de pièce LC75813T-E
Description  Duty General-Purpose LCD Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75813T-E Fiches technique(HTML) 8 Page - ON Semiconductor

Back Button LC75813T-E Datasheet HTML 4Page - ON Semiconductor LC75813T-E Datasheet HTML 5Page - ON Semiconductor LC75813T-E Datasheet HTML 6Page - ON Semiconductor LC75813T-E Datasheet HTML 7Page - ON Semiconductor LC75813T-E Datasheet HTML 8Page - ON Semiconductor LC75813T-E Datasheet HTML 9Page - ON Semiconductor LC75813T-E Datasheet HTML 10Page - ON Semiconductor LC75813T-E Datasheet HTML 11Page - ON Semiconductor LC75813T-E Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Page 8
LC75813E, 75813T
2. 1/4 duty
x When CL is stopped at the low level
Note: DD···Direction data.
B1
B0
D2
D83 D84 D85 D86 D87 D88
D1
0
0
0
0
0
0
1
0
CCB address
8 bits
Display data
88 bits
Control data
14 bits
DD
2 bits
CCB address
8 bits
Display data
88 bits
Fixed data
14 bits
DD
2 bits
CCB address
8 bits
Display data
84 bits
Fixed data
18 bits
DD
2 bits
CCB address
8 bits
Display data
84 bits
Fixed data
18 bits
DD
2 bits
DI
CL
CE
B3
B2
A0
A1
A2
A3
B1
B0
B3
B2
A0
A1
A2
A3
B1
B0
B3
B2
A0
A1
A2
A3
B1
B0
B3
B2
A0
A1
A2
A3
0
0
0
0
0
FC
DT
DR
0
0
BU
SC
P3
P2
P1
P0
0
D89
D90
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
0
0
0
0
D171 D172 D173 D174 D175 D176
0
0
D177
D178
0
0
1
0
0
0
D259 D260
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
D261
D262
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
0
0
0
D343 D344



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28