Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC75813E-E Fiches technique(PDF) 26 Page - ON Semiconductor

No de pièce LC75813E-E
Description  Duty General-Purpose LCD Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75813E-E Fiches technique(HTML) 26 Page - ON Semiconductor

Back Button LC75813E-E Datasheet HTML 20Page - ON Semiconductor LC75813E-E Datasheet HTML 21Page - ON Semiconductor LC75813E-E Datasheet HTML 22Page - ON Semiconductor LC75813E-E Datasheet HTML 23Page - ON Semiconductor LC75813E-E Datasheet HTML 24Page - ON Semiconductor LC75813E-E Datasheet HTML 25Page - ON Semiconductor LC75813E-E Datasheet HTML 26Page - ON Semiconductor LC75813E-E Datasheet HTML 27Page - ON Semiconductor LC75813E-E Datasheet HTML 28Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
LC75813E, LC75813T
www.onsemi.com
26
Package Dimensions
unit : mm
[LC75813E]
PQFP100 14x20 / QIP100E
CASE 122BV
ISSUE A
XXXXX = Specific Device Code
Y = Year
M = Month
DDD = Additional Traceability Data
GENERIC
MARKING DIAGRAM*
*This information is generic. Please refer to
device data sheet for actual part marking.
XXXXXXXXX
YMDDD
(Unit: mm)
22.30
0.43
0.65
SOLDERING FOOTPRINT*
NOTE: The measurements are not to guarantee but for reference only.
*For additional information on our Pb-Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
20.0
0.1
12
0.65
(0.58)
0.13
23.2
0.2
0.3
0.05
0.10
0 to 10
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28