Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC75813T Fiches technique(PDF) 10 Page - ON Semiconductor

No de pièce LC75813T
Description  Duty General-Purpose LCD Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75813T Fiches technique(HTML) 10 Page - ON Semiconductor

Back Button LC75813T_17 Datasheet HTML 6Page - ON Semiconductor LC75813T_17 Datasheet HTML 7Page - ON Semiconductor LC75813T_17 Datasheet HTML 8Page - ON Semiconductor LC75813T_17 Datasheet HTML 9Page - ON Semiconductor LC75813T_17 Datasheet HTML 10Page - ON Semiconductor LC75813T_17 Datasheet HTML 11Page - ON Semiconductor LC75813T_17 Datasheet HTML 12Page - ON Semiconductor LC75813T_17 Datasheet HTML 13Page - ON Semiconductor LC75813T_17 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Serial Data Transfer Example
1. 1/3 duty
x When 175 or more segments are used
All 312 bits of serial data must be sent.
y When fewer than 175 segments are used
Either 104 or 208 bits of serial data may be sent, depending on the number of segments used. However, the serial
data shown below (the D1 to D87 display data and the control data) must be sent.
Page 10
LC75813E, 75813T
0
0
0
0
0
1
0
104 bits
8 bits
B1
B0
D2
D1
0
0
BU
FC
SC
DT
DR
P3
P2
P1
P0
0
0
0
0
D83 D84 D85 D86 D87
0
B3
B2
0
0
A1
A2
A3
A0
B1
B0
B3
B2
A1
A2
A3
A0
B1
B0
B3
B2
A1
A2
A3
A0
0
0
0
0
0
1
0
1
0
0
0
0
0
D176
D257 D258 D259 D260 D261
D175
D89
D170 D171 D172 D173 D174
D88
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
1
0
104 bits
8 bits
B1
B0
D2
D1
0
0
BU
FC SC
DT
DR
P3
P2
P1
P0
0
0
0
0
D83 D84 D85 D86 D87 0
B3
B2
0
0
A1 A2 A3
A0
2. 1/4 duty
x When 261 or more segments are used
All 416 bits of serial data must be sent.
y When fewer than 261 segments are used
Either 104, 208 or 312 bits of serial data may be sent, depending on the number of segments used. However, the
serial data shown below (the D1 to D88 display data and the control data) must be sent.
0
0
0
0
0
1
0
104 bits
8 bits
B1
B0
D2
D1
0
0
BU
FC
SC
DT
DR
P3
P2
P1
P0
0
0
0
0
D83 D84 D85 D86 D87 D88
B3
B2
0
0
A1
A2
A3
A0
B1
B0
B3
B2
A1
A2
A3
A0
B1
B0
B3
B2
A1
A2
A3
A0
0
0
0
0
0
1
0
1
0
0
0
0
0
0
D178
D259 D260 0
0
0
D177
D90
D171 D172 D173 D174 D175
D89
0
0
D176 0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
B1
B0
B3
B2
A1
A2
A3
A0
D262
D343 D344 0
0
0
D261
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
1
0
104 bits
8 bits
B1
B0
D2
D1
0
0
BU
FC SC
DT
DR
P3
P2
P1
P0
0
0
0
0
D83 D84 D85 D86 D87 D88
B3
B2
0
0
A1 A2 A3
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28