Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9993BBCZ Fiches technique(PDF) 37 Page - Analog Devices

No de pièce AD9993BBCZ
Description  Integrated Mixed-Signal Front End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9993BBCZ Fiches technique(HTML) 37 Page - Analog Devices

Back Button AD9993BBCZ Datasheet HTML 33Page - Analog Devices AD9993BBCZ Datasheet HTML 34Page - Analog Devices AD9993BBCZ Datasheet HTML 35Page - Analog Devices AD9993BBCZ Datasheet HTML 36Page - Analog Devices AD9993BBCZ Datasheet HTML 37Page - Analog Devices AD9993BBCZ Datasheet HTML 38Page - Analog Devices AD9993BBCZ Datasheet HTML 39Page - Analog Devices AD9993BBCZ Datasheet HTML 40Page - Analog Devices AD9993BBCZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
AD9993
Data Sheet
Rev. A | Page 36 of 56
8-BIT SEED MSB OF PRBS GENERATOR FOR LANE 1 REGISTER
Address: 0x021, Reset: 0x02, Name: PRBS1_SEED_MSB
Table 23. Bit Descriptions for PRBS1_SEED_MSB
Bits
Bit Name
Description
Reset
Access
[7:0]
DP_PRBS1_SEED_MSB
8-bit MSB seed of PRBS generator in Lane 1 (ADC indexed.)
The 15-bit LSB is always 0x3AFF.
0x2
RW
8-BIT SEED MSB OF PRBS GENERATOR FOR LANE 2 REGISTER
Address: 0x022, Reset: 0x03, Name: PRBS2_SEED_MSB
Table 24. Bit Descriptions for PRBS2_SEED_MSB
Bits
Bit Name
Description
Reset
Access
[7:0]
DP_PRBS2_SEED_MSB
8-bit MSB seed of PRBS generator in Lane 2 (ADC indexed).
The 15-bit LSB is always 0x3AFF.
0x3
RW
8-BIT SEED MSB OF PRBS GENERATOR FOR LANE 3 REGISTER
Address: 0x023, Reset: 0x04, Name: PRBS3_SEED_MSB
Table 25. Bit Descriptions for PRBS3_SEED_MSB
Bits
Bit Name
Description
Reset
Access
[7:0]
DP_PRBS3_SEED_MSB
8-bit MSB seed of PRBS generator in Lane 3 (ADC indexed).
The 15-bit LSB is always 0x3AFF.
0x4
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57