| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9874ABST Fiches technique(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9874ABST Fiches technique(HTML) 4 Page - Analog Devices |
|
4 / 41 page ![]() REV. A AD9874–SPECIFICATIONS –3– Parameter Temp Test Level Min Typ Max Unit SYSTEM DYNAMIC PERFORMANCE 2 SSB Noise Figure @ Min VGA Attenuation 3, 4 Full IV 8.1 9.5 dB @ Max VGA Attenuation 3, 4 Full IV 13 dB Dynamic Range with AGC Enabled 3, 4 Full IV 91 95 dB IF Input Clip Point @ Max VGA Attenuation 3 Full IV –20 –19 dBm @ Min VGA Attenuation 3 Full IV –32 –31 dBm Input Third Order Intercept (IIP3) Full IV –5 0 dBm Gain Variation over Temperature Full IV 0.7 2 dB LNA + MIXER Maximum RF and LO Frequency Range Full IV 300 500 MHz LNA Input Impedance 25 oCV 370//1.4 //pF Mixer LO Input Resistance 25 oCV 1 k LO SYNTHESIZER LO Input Frequency Full IV 7.75 300 MHz LO Input Amplitude Full IV 0.3 2.0 V p-p FREF Frequency (for Sinusoidal Input ONLY) Full IV 8 25 MHz FREF Input Amplitude Full IV 0.3 3 V p-p FREF Slew Rate Full IV 7.5 V/ s Minimum Charge Pump Current @ 5 V 5 Full VI 0.48 0.67 0.78 mA Maximum Charge Pump Current @ 5 V 5 Full VI 3.87 5.3 6.2 mA Charge Pump Output Compliance 6 Full VI 0.4 VDDP – 0.4 V Synthesizer Resolution Full IV 6.25 kHz CLOCK SYNTHESIZER CLK Input Frequency Full IV 13 26 MHz CLK Input Amplitude Full IV 0.3 VDDC V p-p Minimum Charge Pump Output Current 5 Full VI 0.48 0.67 0.78 mA Maximum Charge Pump Output Current 5 Full VI 3.87 5.3 6.2 mA Charge Pump Output Compliance 6 Full VI 0.4 VDDQ – 0.4 V Synthesizer Resolution Full IV 2.2 kHz SIGMA-DELTA ADC Resolution Full IV 16 24 Bits Clock Frequency (fCLK) Full IV 13 26 MHz Center Frequency Full V fCLK/8 MHz Pass-Band Gain Variation Full IV 1.0 dB Alias Attenuation Full IV 80 dB GAIN CONTROL Programmable Gain Step Full V 16 dB AGC Gain Range (Continuous) Full V 12 dB GCP Output Resistance Full IV 50 72.5 95 k OVERALL Analog Supply Voltage (VDDA, VDDF, VDDI) Full VI 2.7 3.0 3.6 V Digital Supply Voltage (VDDD, VDDC, VDDL) Full VI 2.7 3.0 3.6 V Interface Supply Voltage 7 (VDDH) Full VI 1.8 3.6 V Charge Pump Supply Voltage (VDDP, VDDQ) Full VI 2.7 5.0 5.5 V Total Current High Performance Setting 8 Full VI 20 26.5 mA Low Power Mode 8 Full VI 17 22 mA Standby Full VI 0.01 0.1 mA OPERATING TEMPERATUR E RANGE –40 +85 °C NOTES 1Standard operating mode: LNA/Mixer @ high bias setting, VGA @ Min ATTEN setting, synthesizers in normal (not fast acquire) mode, f CLK = 18 MHz, decimation factor = 900, 16-bit digital output, and 10 pF load on SSI output pins. 2This includes 0.9 dB loss of matching network. 3AGC with DVGA enabled. 4Measured in 10 kHz bandwidth. 5Programmable in 0.67 mA steps. 6Voltage span in which LO (or CLK) charge pump output current is maintained within 5% of nominal value of VDDP/2 (or VDDQ/2). 7VDDH must be less than VDDD + 0.5 V. 8 Clock VCO off, add additional 0.7 mA with VGA @ Max ATTEN setting. Specifications subject to change without notice. (VDDI = VDDF = VDDA = VDDC = VDDL = VDDD = VDDH = 2.7 V to 3.6 V, VDDQ = VDDP = 2.7 V to 5.5 V, fCLK = 18 MSPS, fIF = 109.65 MHz, fLO = 107.4 MHz, fREF = 16.8 MHz, unless otherwise noted.) 1 |