| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6549 Fiches technique(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6549 Fiches technique(HTML) 15 Page - Microchip Technology |
|
15 / 28 page ![]() 2003 Microchip Technology Inc. DS21714C-page 15 MCP6546/7/8/9 4.0 PACKAGING INFORMATION 4.1 Package Marking Information XXXXXXXX XXXXXNNN YYWW 8-Lead PDIP (300 mil) Example: 8-Lead SOIC (150 mil) Example: XXXXXXXX XXXXYYWW NNN Legend: XX...X Customer specific information* YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard marking consists of Microchip part number, year code, week code, traceability code (facility code, mask rev#, and assembly code). For marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. MCP6546 I/P256 0307 MCP6546 I/SN0307 256 8-Lead MSOP Example: XXXXXX YWWNNN 6546I 307256 5-Lead SOT-23 (MCP6546) Example: XXNN AB37 5-Lead SC-70 (MCP6546) Example: XNN YWW A25 307 |