Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM5025AMTC Fiches technique(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM5025AMTC
Description  Active Clamp Voltage Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5025AMTC Fiches technique(HTML) 15 Page - National Semiconductor (TI)

Back Button LM5025AMTC Datasheet HTML 8Page - National Semiconductor (TI) LM5025AMTC Datasheet HTML 9Page - National Semiconductor (TI) LM5025AMTC Datasheet HTML 10Page - National Semiconductor (TI) LM5025AMTC Datasheet HTML 11Page - National Semiconductor (TI) LM5025AMTC Datasheet HTML 12Page - National Semiconductor (TI) LM5025AMTC Datasheet HTML 13Page - National Semiconductor (TI) LM5025AMTC Datasheet HTML 14Page - National Semiconductor (TI) LM5025AMTC Datasheet HTML 15Page - National Semiconductor (TI) LM5025AMTC Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Physical Dimensions inches (millimeters)
unless otherwise noted
Molded TSSOP-16
NS Package Number MTC16
Note: It is recommended that the exposed pad be connected to Pin 11 (AGND)
16-Lead LLP Surface Mount Package
NS Package Number SDA16A
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16