Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2770 Fiches technique(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LM2770
Description  High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2770 Fiches technique(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2770 Datasheet HTML 6Page - National Semiconductor (TI) LM2770 Datasheet HTML 7Page - National Semiconductor (TI) LM2770 Datasheet HTML 8Page - National Semiconductor (TI) LM2770 Datasheet HTML 9Page - National Semiconductor (TI) LM2770 Datasheet HTML 10Page - National Semiconductor (TI) LM2770 Datasheet HTML 11Page - National Semiconductor (TI) LM2770 Datasheet HTML 12Page - National Semiconductor (TI) LM2770 Datasheet HTML 13Page - National Semiconductor (TI) LM2770 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Layout Guidelines
Proper board layout will help to ensure optimal performance
of the LM2770 circuit. The following guidelines are recom-
mended:
•
Place capacitors as close to the LM2770 as possible, and
preferably on the same side of the board as the IC.
•
Use short, wide traces to connect the external capacitors
to the LM2770 to minimize trace resistance and induc-
tance.
•
Use a low resistance connection between ground and the
GND pin of the LM2770. Using wide traces and/or mul-
tiple vias to connect GND to a ground plane on the board
is most advantageous.
20126015
FIGURE 1. Recommended Board Layout of a LM2770 Circuit
Unlabelled vias connect to an internal ground plane.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14