| Moteur de recherche de fiches techniques de composants électroniques |
|
SSMB75-LR-PC-CF Fiches technique(PDF) 2 Page - DDK Ltd. |
|
|
|||||||||||||||||||||||||||||
SSMB75-LR-PC-CF Fiches technique(HTML) 2 Page - DDK Ltd. |
|
2 / 6 page ![]() Unit:mm http://www.ddknet.co.jp SSMB75 Series 2 ◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice. Moreover, the characteristic and the specification of the published product are the reference values. Please confirm the content with the latest delivery specifications when you use the product. ○Plug ○Receptacle Part Number Applicable Cable Assembly Instruction Crimp Tool P/N SSMB75-SP-1.5CCA-EXBV-CF 1.5CCA-EXBV (Sumitomo Electric Industries) 1 CR-H-1101 Part Number Applicable Cable Assembly Instruction Crimp Tool P/N SSMB75-LP-1.5CW-CR1-CF 1.5C-QEW 3 DIN-4 1.5C-2W Part Number Mounting Hole SSMB75-SR-PC-CF V Part Number Reams Number A B C D E Mounting Hole SSMB75-LR-PC-CF 1 5.70 5.08 V SSMB75-LR-PC-2-CF 2 13.30 12.70 7.62 W SSMB75-LR-PC-3-CF 3 20.92 20.32 15.24 X SSMB75-LR-PC-4-CF 4 28.54 27.94 22.86 12.70 15.24 Y SSMB75-LR-PC-5-CF 5 36.16 35.56 30.48 15.24 20.32 Z (16.55) φ4.7 95.7 (19) □5.7 8.5 6.0 4-□0.6 5.7 □0.6 □0.6 φ0.65 3.55 6.4 (12.8) D E 2.54 2.54 7.62 C A B Part Number Applicable Cable Assembly Instruction Crimp Tool P/N SSMB75-SP-1.5CV-CR1-CF 1.5C-2V 2 A-R1 1.5C-QEV RG-179B/U |