| Moteur de recherche de fiches techniques de composants électroniques |
|
FSA4476 Fiches technique(PDF) 13 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
FSA4476 Fiches technique(HTML) 13 Page - ON Semiconductor |
|
13 / 15 page ![]() © © 2016 Semiconductor Components Industries, LLC www.onsemi.com FSA4476 • Rev. 1.3.2 12 V OUT GND GND RT GND GND VS RS Network Analyzer RT GND R S and RT are function of application environment (see AC/DC Tables) GND CROSSTALK = 20 Log (VOUT / V IN) VIN VSEL VSEL = 0 or V DD Capacitance Meter F = 1MHz Figure 11. Adjacent Channel Crosstalk Figure 12. Channel Off Capacitance VSEL= 0 or VDD Capacitance Meter F = 1MHz V OUT GND GND RT GND GND VS RS Network Analyzer VSEL GND RL and CL are function of application environment (see AC/DC Tables) CL includes test fixture and stray capacitance VIN Figure 13. Channel On Capacitance Figure 14. Total Harmonic Distortion (THD+N) |