Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EU-40 Fiches technique(PDF) 2 Page - Roithner LaserTechnik GmbH

No de pièce EU-40
Description  Laser diode driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROITHNER [Roithner LaserTechnik GmbH]
Site Internet  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

EU-40 Fiches technique(HTML) 2 Page - Roithner LaserTechnik GmbH

  EU-40 Datasheet HTML 1Page - Roithner LaserTechnik GmbH EU-40 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.roithner-laser.com
2
Operation Note
Caution: P1 is a SMD type trim potentiometer, do not overturn its end points
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice.
EU-40
Potentiometer
Function
P 1
laser diode current adjustment
Turn left (counter clock wise) = increase current
Turn right (clock wise) = decrease current
P1
FRONT



Html Pages

1 2