Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CW532HT-5 Fiches technique(PDF) 2 Page - Roithner LaserTechnik GmbH

No de pièce CW532HT-5
Description  Green DPSS Laser Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROITHNER [Roithner LaserTechnik GmbH]
Site Internet  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

CW532HT-5 Fiches technique(HTML) 2 Page - Roithner LaserTechnik GmbH

  CW532HT-5 Datasheet HTML 1Page - Roithner LaserTechnik GmbH CW532HT-5 Datasheet HTML 2Page - Roithner LaserTechnik GmbH CW532HT-5 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.roithner-laser.com
2
Outline Dimensions
all dimensions in mm
Electrical Connection
(IEC 60130-10, Type A, 5.5/2.1 mm)
Precautions
Static Electricity:
Precautions against electrostatic discharge (ESD) must be taken when handling or operating the module. Surge
voltage or electrostatic discharge can result in complete failure of the laser diode.
Heat Sinking:
In order to maintain lifetime and stability of the laser diode it is essential to provide efficient heat management. For long
time stable operation proper contact between laser module and heat sink is mandatory.
Safety:
This laser module emits highly concentrated visible light which can be hazardous to the human eye and skin. It is
classified as CLASS 3R laser product according to IEC 60825-1 and 21 CFR Part 1040.10 Safety Standards. Actual
laser light emitted and precautions necessary strongly depend on mode of operation.
31.3±0.5
20.0
~ 300
+ VDC
GND



Html Pages

1 2 3