| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AVC1T45DBVR Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74AVC1T45DBVR Fiches technique(HTML) 8 Page - Texas Instruments |
|
8 / 22 page ![]() www.ti.com Switching Characteristics Operating Characteristics SN74AVC1T45 SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS SCES530D – DECEMBER 2003 – REVISED NOVEMBER 2005 over recommended operating free-air temperature range, V CCA = 3.3 V ± 0.3 V (see Figure 1) VCCB = 1.5 V VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V VCCB = 1.2 V FROM TO ± 0.1 V ± 0.15 V ± 0.2 V ± 0.3 V PARAMETER UNIT (INPUT) (OUTPUT) TYP MIN MAX MIN MAX MIN MAX MIN MAX tPLH 2.6 0.4 4.7 0.3 4.4 0.2 3.3 0.2 2.8 A B ns tPHL 2.6 0.4 4.7 0.3 4.4 0.2 3.3 0.2 2.8 tPLH 2.2 0.4 3.8 0.3 3.4 0.2 3 0.1 2.8 B A ns tPHL 2.2 0.4 3.8 0.3 3.4 0.2 3 0.1 2.8 tPHZ 3.1 1.3 4.3 1.3 4.3 1.3 4.3 1.3 4.3 DIR A ns tPLZ 3.1 1.3 4.3 1.3 4.3 1.3 4.3 1.3 4.3 tPHZ 4 0.7 7.4 0.6 6.5 0.7 4 1.5 4.9 DIR B ns tPLZ 4 0.7 7.4 0.6 6.5 0.7 4 1.5 4.9 tPZH(1) 6.2 11.2 9.9 7 6.7 DIR A ns tPZL(1) 6.2 11.2 9.9 7 6.7 tPZH(1) 5.7 8.9 8.5 7.2 6.8 DIR B ns tPZL(1) 5.7 8.9 8.5 7.2 6.8 (1) The enable time is a calculated value, derived using the formula shown in the enable times section. T A = 25°C VCCA = VCCA = VCCA = VCCA = VCCA = TEST VCCB = 1.2 V VCCB = 1.5 V VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V PARAMETER UNIT CONDITIONS TYP TYP TYP TYP TYP A-port input, 3 3 3 3 4 CL = 0 pF, B-port output CpdA(1) f = 10 MHz, pF B-port input, tr = tf = 1 ns 13 13 14 15 15 A-port output A-port input, 13 13 14 15 15 CL = 0 pF, B-port output CpdB(1) f = 10 MHz, pF B-port input, tr = tf = 1 ns 3 3 3 3 3 A-port output (1) Power dissipation capacitance per transceiver 8 |