Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GL640USB Fiches technique(PDF) 27 Page - List of Unclassifed Manufacturers

No de pièce GL640USB
Description  IEEE-1284 to USB Bridge
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

GL640USB Fiches technique(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button GL640USB Datasheet HTML 23Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 24Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 25Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 26Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 27Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 28Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 29Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 30Page - List of Unclassifed Manufacturers GL640USB Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
Revision 1.1
Jun. 7, 1999
-26-
GL640USB, GL640USB-A
GPIO and GPIOCTL registers are available only in EPP mode. GPIOCTL register determines pin
GPIO1-7 is input mode or output mode, GPIO register is used to set the output data to pin GPIO1-7 or read
data from pin GPIO1-7 input.
GPIOnOE -
1= set pin GPIOn to output mode
0= set pin GPIOn to input mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39