| Moteur de recherche de fiches techniques de composants électroniques |
|
GL640 Fiches technique(PDF) 27 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GL640 Fiches technique(HTML) 27 Page - List of Unclassifed Manufacturers |
|
27 / 39 page ![]() Revision 1.1 Jun. 7, 1999 -26- GL640USB, GL640USB-A GPIO and GPIOCTL registers are available only in EPP mode. GPIOCTL register determines pin GPIO1-7 is input mode or output mode, GPIO register is used to set the output data to pin GPIO1-7 or read data from pin GPIO1-7 input. GPIOnOE - 1= set pin GPIOn to output mode 0= set pin GPIOn to input mode |