| Moteur de recherche de fiches techniques de composants électroniques |
|
OVM6211-RADA Fiches technique(PDF) 1 Page - OmniVision Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
OVM6211-RADA Fiches technique(HTML) 1 Page - OmniVision Technologies, Inc. |
|
1 / 2 page ![]() Compact Global Shutter CameraCubeChip™ Brings Computer Vision to Mobile Devices, Notebooks and Wearables OVM6211400x400productbrief lead free available in a lead-free package OmniVision's high performance OVM6211 offers a number of advanced features, including gesture recognition, eye tracking and motion detection in the industry's smallest global shutter package. Its advanced functionality, easy adoption and compact form-factor make it an ideal camera solution for advanced space- constrained devices, such as smartphones, tablets, notebooks and wearables. Featuring a 3-micron OmniPixel3-GS™ global shutter pixel, the OVM6211 is capable of capturing full resolution (400 x 400 pixels) video at 120 fps and features two low-power modes: light sensing mode and ultra-low power mode. The OVM6211 CameraCubeChip™ will be available in two packages. The OVM6211-RADA is intended for human interface systems including eye tracking and will have a narrow field of view (FOV) at approximately 50 degrees. The OVM6211-RAHA is a complementary product intended for applications including gesture recognition and wearable devices and uses a lens with FOV wider than 90 degrees. Find out more at www.ovt.com. |
Numéro de pièce similaire - OVM6211-RADA |
|
Description similaire - OVM6211-RADA |