Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24C04-RMB6TG Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce M24C04-RMB6TG
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C04-RMB6TG Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button M24C04-RMB6TG Datasheet HTML 21Page - STMicroelectronics M24C04-RMB6TG Datasheet HTML 22Page - STMicroelectronics M24C04-RMB6TG Datasheet HTML 23Page - STMicroelectronics M24C04-RMB6TG Datasheet HTML 24Page - STMicroelectronics M24C04-RMB6TG Datasheet HTML 25Page - STMicroelectronics M24C04-RMB6TG Datasheet HTML 26Page - STMicroelectronics M24C04-RMB6TG Datasheet HTML 27Page - STMicroelectronics M24C04-RMB6TG Datasheet HTML 28Page - STMicroelectronics M24C04-RMB6TG Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
27/29
M24C16, M24C08, M24C04, M24C02, M24C01
For a list of available options (speed, package,
etc.) or for further information on any aspect of this
device, please contact your nearest ST Sales Of-
fice.
Table 24. How to Identify Current and New Products by the Process Identification Letter
Note: 1. This example comes from the S08 package. Other packages have similar information. For further information, please ask your ST
Sales Office for Process Change Notices PCN MPG/EE/0061 and 0062 (PCEE0061 and PCEE0062).
Markings on Current Products1
Markings on New Products1
24CxxW6
ST xxxxL
24CxxW6
ST xxxxW
24CxxW6
ST xxxxG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29