Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RDS-P3000 Fiches technique(PDF) 4 Page - ORing Industrial Networking Corp

No de pièce RDS-P3000
Description  Industrial IEC 61850-3 modular rack mount Device Server
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ORING [ORing Industrial Networking Corp]
Site Internet  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RDS-P3000 Fiches technique(HTML) 4 Page - ORing Industrial Networking Corp

  RDS-P3000 Datasheet HTML 1Page - ORing Industrial Networking Corp RDS-P3000 Datasheet HTML 2Page - ORing Industrial Networking Corp RDS-P3000 Datasheet HTML 3Page - ORing Industrial Networking Corp RDS-P3000 Datasheet HTML 4Page - ORing Industrial Networking Corp RDS-P3000 Datasheet HTML 5Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
* All specifications are subject to change without notice.
Designed for Rugged Excellence
Specifications
ORing Device Server Model
RDS-P3000-LV
RDS-P3000-HV
Physical Ports
10/100/1000 Base-T(X) in RJ45
4
100/1000Base-X SFP
2
Serial Ports
Connector (10-pin RJ48)
16 ports in DB9 or 10-pin RJ48 (4 slots, 4 DB9 or RJ48 ports in one slot)
Operation Mode
RS-232/422/485
Serial Baud Rate
50 bps to 921.6 Kbps
Data Bits
7, 8
Parity
odd, even, none, mark, space
Stop Bits
1, 1.5, 2
RS-232
TxD, RxD, RTS, CTS, DTR, DSR, DCD, RI, GND
Flow Control
XON/XOFF, RTS/CTS, DTR/DSR
Protocol
Network Protocol
ICMP, IP, TCP, UDP, DHCP, BOOTP, SSH, DNS, SNMP V1/V2c, HTTPS, SMTP, Modbus TCP
Serial Protocol
Modbus RTU
LED indicators
Power indicator
PWR / Ready:
Green On: Power is on
Green Blinking: Located by Administrator.
Fault Indicator (Fault)
Amber : Indicate unexpected event occurred
10/100/1000Base-T(X) LAN indicator
Green for port Link/Act
Serial TX / RX LEDs:
Amber: Serial port is receiving data
Green: Serial port is transmitting data
Power
Power Input
Dual 24/48VDC (24~72VDC) power inputs at
terminal block
Dual 100~240VAC / 100~370VDC power inputs at
terminal block
Power consumption (Typ.)
15.6 W
Overload current protection
Present
Physical Characteristic
Dimension (W x D x H)
360(W) x 440(D) x 43(H) mm
Weight (g)
6436 g
Environmental
Storage Temperature
-40 to 85oC (-40 to 185oF)
Operating Temperature
-40 to 70oC (-40 to 158oF)
Operating Humidity
5% to 95% Non-condensing
Regulatory approvals
Power Automation
IEC 61850-3, IEEE 1613
EMI
FCC Part 15, CISPR (EN55022) class A
EMS
EN61000-4-2 (ESD)
EN61000-4-3 (RS),
EN61000-4-4 (EFT),
EN61000-4-5 (Surge),
EN61000-4-6 (CS),
EN61000-4-8,
EN61000-4-11
Warranty
5 years



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com