Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RDS-3166G Fiches technique(PDF) 2 Page - ORing Industrial Networking Corp

No de pièce RDS-3166G
Description  Industrial 16 secure serial ports to Ethernet device server
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ORING [ORing Industrial Networking Corp]
Site Internet  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RDS-3166G Fiches technique(HTML) 2 Page - ORing Industrial Networking Corp

  RDS-3166G Datasheet HTML 1Page - ORing Industrial Networking Corp RDS-3166G Datasheet HTML 2Page - ORing Industrial Networking Corp RDS-3166G Datasheet HTML 3Page - ORing Industrial Networking Corp RDS-3166G Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
* All specifications are subject to change without notice.
Designed for Rugged Excellence
temperature, -40~70oC, RDS-3166G series could operate in the harsh industrial environment. Therefore, RDS-3166G is
the best solution to the high demand of secure serial to Ethernet critical data communication.
Pin Definition
Pin #
RS-232
RS-422
RS-485
( 4 wire )
RS-485
( 2 wire )
1
NC
NC
NC
NC
2
DCD
TXD -
TXD -
DATA-
3
RXD
TXD +
TXD +
DATA+
4
TXD
RXD +
RXD +
5
DTR
RXD -
RXD -
6
GND
GND
GND
7
DSR
8
RTS
9
CTS
10
RI
Dimension
10-pin RJ48 connector



Html Pages

1 2 3 4