Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LOT77K Fiches technique(PDF) 2 Page - OSRAM GmbH

No de pièce LOT77K
Description  Automotive Interior Lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOT77K Fiches technique(HTML) 2 Page - OSRAM GmbH

  LOT77K Datasheet HTML 1Page - OSRAM GmbH LOT77K Datasheet HTML 2Page - OSRAM GmbH LOT77K Datasheet HTML 3Page - OSRAM GmbH LOT77K Datasheet HTML 4Page - OSRAM GmbH LOT77K Datasheet HTML 5Page - OSRAM GmbH LOT77K Datasheet HTML 6Page - OSRAM GmbH LOT77K Datasheet HTML 7Page - OSRAM GmbH LOT77K Datasheet HTML 8Page - OSRAM GmbH LOT77K Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2013-08-14
2
Version 1.0 (Replacement in due course)
LO T77K
Ordering Information
Bestellinformation
Type:
Luminous Intensity
1) page 18
Ordering Code
Typ:
Lichtstärke 1) Seite 18
Bestellnummer
IF = 2 mA
IV [mcd]
LO T77K-K1M2-24
7.1 ... 28
Q65110A2043
Note:
The above Type Numbers represent the order groups which include only a few brightness groups (see page 5). Only one group will be shipped on each
packing unit (there will be no mixing of two groups on each packing unit). E. g. LO T77K-K1M2-24 means that only one group K1, K2, L1, L2, M1, M2
will be shippable for any packing unit. In order to ensure availability, single brightness groups will not be orderable.
In a similar manner for colors where wavelength groups are measured and binned, single wavelength groups will be shipped on any one reel. E. g. LO
T77K-K1M2-24 means that only one wavelength group 2, 3, 4 will be shippable. LO T77K-K1M2-24 means that the device will be shipped within the
specified limits as stated on page . In order to ensure availability, single wavelength groups will not be orderable (see page 5for explanation).
Anm.:
Die oben genannten Typbezeichnungen umfassen die bestellbaren Selektionen. Diese bestehen aus wenigen Helligkeitsgruppen (siehe Seite 5). Es
wird nur eine einzige Helligkeitsgruppe pro Verpackungseinheit geliefert. Z. B. LO T77K-K1M2-24 bedeutet, dass in einer Verpackungseinheit nur eine
der Helligkeitsgruppen K1, K2, L1, L2, M1, M2 enhalten ist. Um die Liefersicherheit zu gewährleisten, können einzelne Helligkeitsgruppen nicht bestellt
werden.
In a similar manner for colors where wavelength groups are measured and binned, single wavelength groups will be shipped on any one reel. E. g. LO
T77K-K1M2-24 means that only one wavelength group 2, 3, 4 will be shippable. LO T77K-K1M2-24 means that the device will be shipped within the
specified limits as stated on page . In order to ensure availability, single wavelength groups will not be orderable (see page 5for explanation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19