Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TNC-R2-NiCAu-CF Fiches technique(PDF) 2 Page - DDK Ltd.

No de pièce TNC-R2-NiCAu-CF
Description  TNC Style Connector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DDK [DDK Ltd.]
Site Internet  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

TNC-R2-NiCAu-CF Fiches technique(HTML) 2 Page - DDK Ltd.

  TNC-R2-NiCAu-CF Datasheet HTML 1Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 2Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 3Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 4Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 5Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 6Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 7Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 8Page - DDK Ltd. TNC-R2-NiCAu-CF Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Unit:mm
http://www.ddknet.co.jp
TNC Series
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
2
○Straight Cable Plug
Clamp Type
Part Number
Applicable Cable
L
Finish
Assembly
Instruction
Outer
Conductor
Center
Conductor
TNC-P-3-CF
3D-2V
25.0
Ag
Ag
6
3D-QEV
Part Number
Applicable Cable
φA L
Finish
Assembly
Instruction
Crimp
Tool
Outer
Conductor
Center
Conductor
TNC-P-1.5DQEW-CF
1.5D-2W
5.5 22.3
Ni
Au
1
CR-H-1100
1.5D-QEW
TNC-P-2.5D2W-CR10-CF
2.5D-2W
6.3 24.3
Ni
Ag
2
CR-H-1115
2.5D-QEW
TNC-P-3D2W-CR10-CF
3D-2W
7.9 24.3
Ni
Ag
2
CR-H-1135
3D-QEW
Crimp Type
Part Number
Applicable Cable
φA L
Finish
Assembly
InstructionCrimp Tool
Outer
Conductor
Center
Conductor
TNC-P-2DFB-1-CF
2D-FB
6.2 29.7
Ni
Au
3
CR-H-1105
L
L
TNC-P-2DFB-1
L
TNC-J-1.5DXW-CR10-120
L
L
17.0
5.0
TNC-J-3D2W-CR10
TNC-BJ-2.5DQEW
Panel Mounting Dimensions
L
13
10.2
16.8
2
(Detent Diameter)
(Flat Diameter)
10.4
+0.1
0
φ11.2
+0.1
0 
TNC-PJ-1.5DXW-CR10-M
TNC-PJ-1.5DQEW-CR10
26.8
15.8
2.3
□17.5
12.7
4-φ3.0
12.7
4-φ3.0
φ12.0
30.8
15.8
2.3
18.2±0.05
□25.4
18.2
4-M2.5×0.45
φ12.0
TNC-PJ-2H-1.5D-CR10
24.4
14.7
2.3
12
φ6.0
2-φ3.2
2-φ3.2
4-φ3.0
+0.1
0
+0.1
0
L
L
TNC-P-2DFB-1
L
TNC-J-1.5DXW-CR10-120
L
L
17.0
5.0
TNC-J-3D2W-CR10
TNC-BJ-2.5DQEW
Panel Mounting Dimensions
L
13
10.2
16.8
2
(Detent Diameter)
(Flat Diameter)
10.4
+0.1
0
φ11.2
+0.1
0 
TNC-PJ-1.5DXW-CR10-M
TNC-PJ-1.5DQEW-CR10
26.8
15.8
2.3
□17.5
12.7
4-φ3.0
12.7
4-φ3.0
φ12.0
30.8
15.8
2.3
18.2±0.05
□25.4
18.2
4-M2.5×0.45
φ12.0
TNC-PJ-2H-1.5D-CR10
24.4
14.7
2.3
12
φ6.0
2-φ3.2
2-φ3.2
4-φ3.0
+0.1
0
+0.1
0
L
L
TNC-P-2DFB-1
L
TNC-J-1.5DXW-CR10-120
L
L
17.0
5.0
TNC-J-3D2W-CR10
TNC-BJ-2.5DQEW
Panel Mounting Dimensions
L
13
10.2
16.8
2
(Detent Diameter)
(Flat Diameter)
10.4
+0.1
0
φ11.2
+0.1
0 
TNC-PJ-1.5DXW-CR10-M
TNC-PJ-1.5DQEW-CR10
26.8
15.8
2.3
□17.5
12.7
4-φ3.0
12.7
4-φ3.0
φ12.0
30.8
15.8
2.3
18.2±0.05
□25.4
18.2
4-M2.5×0.45
φ12.0
TNC-PJ-2H-1.5D-CR10
24.4
14.7
2.3
12
φ6.0
2-φ3.2
2-φ3.2
4-φ3.0
+0.1
0
+0.1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15