| Moteur de recherche de fiches techniques de composants électroniques |
|
TNC-R2-Ni-CF Fiches technique(PDF) 2 Page - DDK Ltd. |
|
|
|||||||||||||||||||||||||||||
TNC-R2-Ni-CF Fiches technique(HTML) 2 Page - DDK Ltd. |
|
2 / 15 page ![]() Unit:mm http://www.ddknet.co.jp TNC Series ◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice. Moreover, the characteristic and the specification of the published product are the reference values. Please confirm the content with the latest delivery specifications when you use the product. 2 ○Straight Cable Plug Clamp Type Part Number Applicable Cable L Finish Assembly Instruction Outer Conductor Center Conductor TNC-P-3-CF 3D-2V 25.0 Ag Ag 6 3D-QEV Part Number Applicable Cable φA L Finish Assembly Instruction Crimp Tool Outer Conductor Center Conductor TNC-P-1.5DQEW-CF 1.5D-2W 5.5 22.3 Ni Au 1 CR-H-1100 1.5D-QEW TNC-P-2.5D2W-CR10-CF 2.5D-2W 6.3 24.3 Ni Ag 2 CR-H-1115 2.5D-QEW TNC-P-3D2W-CR10-CF 3D-2W 7.9 24.3 Ni Ag 2 CR-H-1135 3D-QEW Crimp Type Part Number Applicable Cable φA L Finish Assembly InstructionCrimp Tool Outer Conductor Center Conductor TNC-P-2DFB-1-CF 2D-FB 6.2 29.7 Ni Au 3 CR-H-1105 L L TNC-P-2DFB-1 L TNC-J-1.5DXW-CR10-120 L L 17.0 5.0 TNC-J-3D2W-CR10 TNC-BJ-2.5DQEW Panel Mounting Dimensions L 13 10.2 16.8 2 (Detent Diameter) (Flat Diameter) 10.4 +0.1 0 φ11.2 +0.1 0 TNC-PJ-1.5DXW-CR10-M TNC-PJ-1.5DQEW-CR10 26.8 15.8 2.3 □17.5 12.7 4-φ3.0 12.7 4-φ3.0 φ12.0 30.8 15.8 2.3 18.2±0.05 □25.4 18.2 4-M2.5×0.45 φ12.0 TNC-PJ-2H-1.5D-CR10 24.4 14.7 2.3 12 φ6.0 2-φ3.2 2-φ3.2 4-φ3.0 +0.1 0 +0.1 0 L L TNC-P-2DFB-1 L TNC-J-1.5DXW-CR10-120 L L 17.0 5.0 TNC-J-3D2W-CR10 TNC-BJ-2.5DQEW Panel Mounting Dimensions L 13 10.2 16.8 2 (Detent Diameter) (Flat Diameter) 10.4 +0.1 0 φ11.2 +0.1 0 TNC-PJ-1.5DXW-CR10-M TNC-PJ-1.5DQEW-CR10 26.8 15.8 2.3 □17.5 12.7 4-φ3.0 12.7 4-φ3.0 φ12.0 30.8 15.8 2.3 18.2±0.05 □25.4 18.2 4-M2.5×0.45 φ12.0 TNC-PJ-2H-1.5D-CR10 24.4 14.7 2.3 12 φ6.0 2-φ3.2 2-φ3.2 4-φ3.0 +0.1 0 +0.1 0 L L TNC-P-2DFB-1 L TNC-J-1.5DXW-CR10-120 L L 17.0 5.0 TNC-J-3D2W-CR10 TNC-BJ-2.5DQEW Panel Mounting Dimensions L 13 10.2 16.8 2 (Detent Diameter) (Flat Diameter) 10.4 +0.1 0 φ11.2 +0.1 0 TNC-PJ-1.5DXW-CR10-M TNC-PJ-1.5DQEW-CR10 26.8 15.8 2.3 □17.5 12.7 4-φ3.0 12.7 4-φ3.0 φ12.0 30.8 15.8 2.3 18.2±0.05 □25.4 18.2 4-M2.5×0.45 φ12.0 TNC-PJ-2H-1.5D-CR10 24.4 14.7 2.3 12 φ6.0 2-φ3.2 2-φ3.2 4-φ3.0 +0.1 0 +0.1 0 |