| Moteur de recherche de fiches techniques de composants électroniques |
|
TNC-R-NiCAu-CF Fiches technique(PDF) 15 Page - DDK Ltd. |
|
|
|||||||||||||||||||||||||||||
TNC-R-NiCAu-CF Fiches technique(HTML) 15 Page - DDK Ltd. |
|
15 / 15 page ![]() Unit:mm http://www.ddknet.co.jp TNC Series ◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice. Moreover, the characteristic and the specification of the published product are the reference values. Please confirm the content with the latest delivery specifications when you use the product. ○ Assembly Instruction(7) 4±0.5 15+10 (9.7) 2.9 0-1 Pre-soldering Same level (between contact and washer Body Surface Interface Dimension Crimp Height a,b,c(each sides)=4.76~5.00 Heat-shrinkable tube Ferule Insulator Contact Body L1 Cable Outer Conductor Heat-shrinkable tube Sheath Ferule Pick and spread the top Insulator Center Conductor Insulator Contact Soldering No gap a L/2 L Measurering point Body 4.98±0.25 Dies:A Cable assembly Heat-shrinkable tube 4±0.5 15+10 (9.7) 2.9 0-1 Pre-soldering Same level (between contact and washer Body Surface Interface Dimension Crimp Height a,b,c(each sides)=4.76~5.00 Heat-shrinkable tube Ferule Insulator Contact Body L1 Cable Outer Conductor Heat-shrinkable tube Sheath Ferule Pick and spread the top Insulator Center Conductor Insulator Contact Soldering No gap a L/2 L Measurering point Body 4.98±0.25 Dies:A Cable assembly Heat-shrinkable tube 4±0.5 15+10 (9.7) 2.9 0-1 Pre-soldering Same level (between contact and washer Body Surface Interface Dimension Crimp Height a,b,c(each sides)=4.76~5.00 Heat-shrinkable tube Ferule Insulator Contact Body L1 Cable Outer Conductor Heat-shrinkable tube Sheath Ferule Pick and spread the top Insulator Center Conductor Insulator Contact Soldering No gap a L/2 L Measurering point Body 4.98±0.25 Dies:A Cable assembly Heat-shrinkable tube 4±0.5 15+10 (9.7) 2.9 0-1 Pre-soldering Same level (between contact and washer Body Surface Interface Dimension Crimp Height a,b,c(each sides)=4.76~5.00 Heat-shrinkable tube Ferule Insulator Contact Body L1 Cable Outer Conductor Heat-shrinkable tube Sheath Ferule Pick and spread the top Insulator Center Conductor Insulator Contact Soldering No gap a L/2 L Measurering point Body 4.98±0.25 Dies:A Cable assembly Heat-shrinkable tube 4±0.5 15+10 (9.7) 2.9 0-1 Pre-soldering Same level (between contact and washer Body Surface Interface Dimension Crimp Height a,b,c(each sides)=4.76~5.00 Heat-shrinkable tube Ferule Insulator Contact Body L1 Cable Outer Conductor Heat-shrinkable tube Sheath Ferule Pick and spread the top Insulator Center Conductor Insulator Contact Soldering No gap a L/2 L Measurering point Body 4.98±0.25 Dies:A Cable assembly Heat-shrinkable tube 4±0.5 15+10 (9.7) 2.9 0-1 Pre-soldering Same level (between contact and washer Body Surface Interface Dimension Crimp Height a,b,c(each sides)=4.76~5.00 Heat-shrinkable tube Ferule Insulator Contact Body L1 Cable Outer Conductor Heat-shrinkable tube Sheath Ferule Pick and spread the top Insulator Center Conductor Insulator Contact Soldering No gap a L/2 L Measurering point Body 4.98±0.25 Dies:A Cable assembly Heat-shrinkable tube 4±0.5 15+10 (9.7) 2.9 0-1 Pre-soldering Same level (between contact and washer Body Surface Interface Dimension Crimp Height a,b,c(each sides)=4.76~5.00 Heat-shrinkable tube Ferule Insulator Contact Body L1 Cable Outer Conductor Heat-shrinkable tube Sheath Ferule Pick and spread the top Insulator Center Conductor Insulator Contact Soldering No gap a L/2 L Measurering point Body 4.98±0.25 Dies:A Cable assembly Heat-shrinkable tube Parts Configulration Cable length which require for the cable assembly. L=L1-10.5 ① Insert the heat-shrinkable tube into the cable. Cut the cable as fig.1. Note)Please be careful to not damage the outer conductor. ② Insert the ferule on the outer conductor Pick and spread the outer conductor. ③ Turn down the outer conductor to the ferule and cut the outer conductor as fig.3. Cut the insulator as fig. 3 and pre-solder the center conductor. And cut the center conductor as fig.3. Note)Please be careful to not center conductor. ④ Insert the insulator into the cable, solder up the contact with center conductor. Note)When the solder is stick out, please shave the extra solder along the contact. ⑤ Insert the body into the above cable assembly and crimp the root of the body. Note)When inserting the body, match the contact notch with projection of insulator. Note)Crimp the body with same level of body and dies. Note)Meet the interface dimension and crimp height ⑥ Cover the heat-shrinkable tube on the root of the body and heat up. ① ② ③ ④ ⑤ ⑥ |