| Moteur de recherche de fiches techniques de composants électroniques |
|
SL1919 Fiches technique(PDF) 2 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
SL1919 Fiches technique(HTML) 2 Page - Zilog, Inc. |
|
2 / 70 page ![]() Z80180/Z8S180/Z8L180 Enhanced Z180 Microprocessor Zilog 1-2 P R E L I M I N A R Y DS971800401 Notes: All Signals with a preceding front slash, “/” are ac- tive Low, for example, B//W (WORD is active Low); /B/W (BYTE is active Low, only). Alternatively, an overslash may be used to signify active Low, for example WR Power connections follow conventional descriptions be- low: Connection Circuit Device Power VCC VDD Ground GND VSS Figure 1. Z80180/Z8S180/Z8L180 Functional Block Diagram 16-bit Programmable Reload Timers (2) Clocked Serial I/O Port MMU Bus State Control CPU Interrupt TXS RXS/CTS1 CKS A18/TOUT DMACS (2) Asynchronous SCI (Channel 0) Asynchronous SCI (Channel 1) /DREQ1 TEND1 TXA0 CKA0, /DREQ0 RXA0 /RTS0 /CTS0 /DCD0 TXA1 CKA1, /TEND0 RXA1 Timing Generator Ø Data Buffer Address Buffer VCC VSS A19-A0 D7-D0 |