| Moteur de recherche de fiches techniques de composants électroniques |
|
M24C02-DS6TP Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C02-DS6TP Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 29 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 16/29 Table 11. DC Characteristics (M24Cxx, Device Grade 3) Note: 1. This range is Not for New Design, and will soon be replaced by the M24Cxx-Wxx3 range. Table 12. DC Characteristics (M24Cxx-W, Device Grade 6) Symbol Parameter Test Condition (in addition to those in Table 5.) Min. Max. Unit ILI Input Leakage Current (SCL, SDA) VIN = VSS or VCC ± 2 µA ILO Output Leakage Current VOUT = VSS or VCC, SDA in Hi-Z ± 2 µA ICC Supply Current VCC=5V, fc=400kHz (rise/fall time < 30ns) 3mA ICC1 Stand-by Supply Current VIN = VSS or VCC , VCC = 5 V 5µA VIL Input Low Voltage (E2, E1, E0, SCL, SDA) –0.45 0.3VCC V Input Low Voltage (WC) –0.45 0.5 V VIH Input High Voltage (E2, E1, E0, SCL, SDA, WC) 0.7VCC VCC+1 V VOL Output Low Voltage IOL = 3 mA, VCC = 5 V 0.4 V Symbol Parameter Test Condition (in addition to those in Table 6.) Min. Max. Unit ILI Input Leakage Current (SCL, SDA) VIN = VSS or VCC ± 2 µA ILO Output Leakage Current VOUT = VSS or VCC, SDA in Hi-Z ± 2 µA ICC Supply Current VCC =2.5V, fc=400kHz (rise/fall time < 30ns) 1mA ICC1 Stand-by Supply Current VIN = VSS or VCC , VCC = 2.5 V 0.5 µA VIL Input Low Voltage (E2, E1, E0, SCL, SDA) –0.45 0.3VCC V Input Low Voltage (WC) –0.45 0.5 V VIH Input High Voltage (E2, E1, E0, SCL, SDA, WC) 0.7VCC VCC+1 V VOL Output Low Voltage IOL = 2.1 mA, VCC = 2.5 V 0.4 V |