| Moteur de recherche de fiches techniques de composants électroniques |
|
ADAV801 Fiches technique(PDF) 33 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAV801 Fiches technique(HTML) 33 Page - Analog Devices |
|
33 / 61 page ![]() ADAV801 Rev. A | Page 32 of 60 Playback Port Control—Address 0000100 (0x04) Table 21. Playback Port Control Register Bit Map 7 6 5 4 3 2 1 0 Reserved Reserved Reserved CLKSRC1 CLKSRC0 SPMODE2 SPMODE1 SPMODE0 Table 22. Playback Port Control Register Bit Descriptions Bit Name Description CLKSRC[1:0] Selects the clock source for generating the ILRCLK and IBCLK. 00 = Input port is a slave. 01 = Recovered PLL clock. 10 = Internal Clock 1. 11 = Internal Clock 2. SPMODE[2:0] Selects the serial format of the playback port. 000 = Left-justified. 001 = I2S. 100 = 24-bit, right-justified. 101 = 20-bit, right-justified. 110 = 18-bit, right-justified. 111 = 16-bit, right-justified. Auxiliary Input Port—Address 0000101 (0x05) Table 23. Auxiliary Input Port Register Bit Map 7 6 5 4 3 2 1 0 Reserved Reserved Reserved CLKSRC1 CLKSRC0 SPMODE2 SPMODE1 SPMODE0 Table 24. Auxiliary Input Port Register Bit Descriptions Bit Name Description CLKSRC[1:0] Selects the clock source for generating the IAUXLRCLK and IAUXBCLK. 00 = Input port is a slave. 01 = Recovered PLL cock. 10 = Internal Clock 1. 11 = Internal Clock 2. SPMODE[2:0] Selects the serial format of auxiliary input port. 000 = Left-justified. 001 = I2S. 100 = 24-bit, right-justified. 101 = 20-bit, right-justified. 110 = 18-bit, right-justified. 111 = 16-bit, right-justified. |